Part Number Hot Search : 
CMK04 M100K AC05FGM 75639S3S 2AZ24VDC UN5111 Q6704 CIL464C
Product Description
Full Text Search
 

To Download MC-903-00-XXXX-PA-X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mitsumi optical connectors mc-903 series features connectors 1. this is a connector conforming to jis f05 type single-core optical fiber connector (c5974) . 2. it is characterized by lever lock mechanism. 3. the appicable fiber is 1,000m in diameter and 4.0mm in diameter of covering. how to order specifications total insertion force 39.2n (4.0kgf ) max. total withdrawal force 19.6n (2.0kgf ) min. fiber clamp resistance 19.6n (2.0kgf ) min. life (mating cycle) 500 min. fiber bend radius 30mm mechanical characteristics mc-903-00- -pa- 12 3 45 1 series no. (903) 2 no. of contacts 3 running no. assigned by us 4 plug or socket (pa) 5 supplementary no. optical characteristics insertion loss 2.0db max.
mitsumi optical connectors dimensions unit : mm material & finish component parts material finish fiber cable pvc resin (black) apf cap pbt resin case polycarbonate resin ferrule brass nickel plating fiber stopper pbt resin


▲Up To Search▲   

 
Price & Availability of MC-903-00-XXXX-PA-X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X